Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download SD101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101A / 101B / 101C
Vishay Semiconductors
Small Signal Schottky Diodes
Features
* Integrated protection ring against static discharge e2 * Low capacitance * Low leakage current * Low forward voltage drop * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
94 9367
Applications
* * * * * * HF-Detector Protection circuit Diode for low currents with a low supply voltage Small battery charger Power supplies DC / DC converter for notebooks
Mechanical Data
Case: DO35 Glass case Weight: approx. 125 mg Cathode Band Color: black Packaging Codes/Options: TR / 10 k per 13" reel (52 mm tape), 50 k/box TAP / 10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Part SD101A SD101B SD101C Type differentiation VR = 60 V, VF at IF = 1 mA max. 410 mV VR = 50 V, VF at IF = 1 mA max. 400 mV VR = 40 V, VF at IF = 1 mA max. 390 mV Ordering code SD101A-TAP or SD101A-TR SD101B-TAP or SD101B-TR SD101B-TAP or SD101B-TR Remarks Ammopack / Tape and Reel Ammopack / Tape and Reel Ammopack / Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Test condition Part SD101A SD101B SD101C Forward continuous current Peak forward surge current Repetitive peak forward current Power dissipation 1) Valid provided that electrodes are kept at ambient temperature. Document Number 85629 Rev. 1.4, 03-Apr-06 www.vishay.com 1 tp = 10 s Symbol VR VR VR IF IFSM IFRM Ptot Value 60 50 40 30 2 150 3101) Unit V V V mA A mA mW
SD101A / 101B / 101C
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction temperature Storage temperature range Junction to ambient air 1) Valid provided that electrodes are kept at ambient temperature. Test condition Symbol Tj Tstg RthJA Value 125 - 65 to + 150 3201) Unit C C K/W
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse Breakdown Voltage Test condition IR = 10 A Part SD101A SD101B SD101C Leakage current VR = 50 V VR = 40 V VR = 30 V Forward voltage drop IF = 1 mA SD101A SD101B SD101C SD101A SD101B SD101C IF = 15 mA SD101A SD101B SD101C Diode capacitance VR = 0 V, f = 1 MHz VR = 0 V, f = 1 MHz SD101A SD101B SD101C Symbol V(BR)R V(BR)R V(BR)R IR IR IR VF VF VF VF VF VF CD CD CD Min 60 50 40 200 200 200 410 400 390 1000 950 900 2.0 2.1 2.2 Typ. Max Unit V V V nA nA nA mV mV mV mV mV mV pF pF pF
Typical Characteristics
Tamb = 25 C, unless otherwise specified
100
2.0 Tj = 125 C
CD - Diode Capacitance (pF)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
Tj = 25 C
IR = Reverse Current (A)
10 Tj = 100 C 1 Tj = 75 C Tj = 50 C 0.1 Tj = 25 C 0.01 0 5 10 15 20 25 30 35 40 45 50
0.0 0
16205
5
10
15
20
25
30
35
40
45
50
16204
VR - Reverse Voltage (V)
VR - Reverse Voltage (V)
Figure 1. Reverse Current vs. Reverse Voltage
Figure 2. Diode Capacitance vs. Reverse Voltage
www.vishay.com 2
Document Number 85629 Rev. 1.4, 03-Apr-06
SD101A / 101B / 101C
Vishay Semiconductors
10.00
IF - Forward Current (mA)
1.00
0.10
0.01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
16206
VF - Forward Voltage (V)
Figure 3. Forward Current vs. Forward Voltage
Package Dimensions in mm (Inches)
Cathode Identification
technical drawings according to DIN specifications Standard Glass Case 54 A 2 DIN 41880 JEDEC DO 35
0.55 max. (0.022)
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
94 9366
Document Number 85629 Rev. 1.4, 03-Apr-06
2 max. (0.079)
www.vishay.com 3
SD101A / 101B / 101C
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85629 Rev. 1.4, 03-Apr-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SD101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X